| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX8MPCEC bảng dữ liệu(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC bảng dữ liệu(HTML) 16 Page - NXP Semiconductors |
|
16 / 111 page ![]() i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 16 NXP Semiconductors Modules list Only MIPI_CSI2 and MIPI_DSI VDD_MIPI_1P8, VDD_MIPI_0P8 Supply VDD_MIPI_1P2_CAP, MIPI_VREG1_CAP Connect to outside cap MIPI_TEST_DNU Not connected MIPI_CSI1_CLK_P, MIPI_CSI1_CLK_N, MIPI_CSI1_Dx_P, MIPI_CSI1_Dx_N Tied to ground MIPI_CSI2_CLK_P, MIPI_CSI2_CLK_N, MIPI_CSI2_Dx_P, MIPI_CSI2_Dx_N Function MIPI_DSI_CLK_P, MIPI_DSI_CLK_N, MIPI_DSI_Dx_P, MIPI_DSI_Dx_N Function Only MIPI_DSI VDD_MIPI_1P8, VDD_MIPI_0P8 Supply VDD_MIPI_1P2_CAP, MIPI_VREG1_CAP Connect to outside cap MIPI_TEST_DNU Not connected MIPI_CSI1_CLK_P, MIPI_CSI1_CLK_N, MIPI_CSI1_Dx_P, MIPI_CSI1_Dx_N Tied to ground MIPI_CSI2_CLK_P, MIPI_CSI2_CLK_N, MIPI_CSI2_Dx_P, MIPI_CSI2_Dx_N Tied to ground MIPI_CSI1, MIPI_CSI2 and MIPI_DSI are not used VDD_MIPI_1P8, VDD_MIPI_0P8 Not connected VDD_MIPI_1P2_CAP, MIPI_VREG1_CAP Not connected MIPI_TEST_DNU Not connected MIPI_CSI1_CLK_P, MIPI_CSI1_CLK_N, MIPI_CSI1_Dx_P, MIPI_CSI1_Dx_N Not connected MIPI_CSI2_CLK_P, MIPI_CSI2_CLK_N, MIPI_CSI2_Dx_P, MIPI_CSI2_Dx_N Not connected Table 7. USB strapping recommendations Function Ball name Recommendations USB1 and USB2 VDD_USB_3P3, VDD_USB_1P8, VDD_USB_0P8 Supply USB1_VBUS, USB1_D_P, USB1_D_N, USB1_TX_P, USB1_TX_N, USB1_DNU, USB1_TXRTUNE, USB1_RX_P, USB1_RX_N Function connection USB2_VBUS, USB2_D_P, USB2_D_N, USB2_TX_P, USB2_TX_N, USB2_DNU, USB2_TXRTUNE, USB2_RX_P, USB2_RX_N Function connection USB1 VDD_USB_3P3, VDD_USB_1P8, VDD_USB_0P8 Supply USB1_VBUS, USB1_D_P, USB1_D_N, USB1_TX_P, USB1_TX_N, USB1_DNU, USB1_TXRTUNE, USB1_RX_P, USB1_RX_N Function connection USB2_VBUS, USB2_D_P, USB2_D_N, USB2_TX_P, USB2_TX_N, USB2_DNU, USB2_TXRTUNE, USB2_RX_P, USB2_RX_N Ground *RX_P and *RX_N, others are not connected USB2 VDD_USB_3P3, VDD_USB_1P8, VDD_USB_0P8 Supply USB1_VBUS, USB1_D_P, USB1_D_N, USB1_TX_P, USB1_TX_N, USB1_DNU, USB1_TXRTUNE, USB1_RX_P, USB1_RX_N Ground *RX_P and *RX_N, others are not connected USB2_VBUS, USB2_D_P, USB2_D_N, USB2_TX_P, USB2_TX_N, USB2_DNU, USB2_TXRTUNE, USB2_RX_P, USB2_RX_N Function connection Table 6. MIPI strapping recommendations (continued) Function Ball name Recommendations |