| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K310 bảng dữ liệu(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 bảng dữ liệu(HTML) 91 Page - NXP Semiconductors |
|
91 / 137 page ![]() 11 Clocking modules 11.1 FIRC Table 36. FIRC Symbol Description Min Typ Max Unit Condition Spec Number fFIRC FIRC nominal Frequency — 48 — MHz — — FACC FIRC Frequency deviation across process, voltage, and temperature after trimming -5 — 5 % — — TSTART Startup Time 1 — 10 25 us — — 1. Startup time is for reference only. 11.2 SIRC Table 37. SIRC Symbol Description Min Typ Max Unit Condition Spec Number fSIRC SIRC nominal Frequency — 32 — KHz — — fSIRC_ACC SIRC Frequency deviation across process, voltage, and temperature after trimming -10 — 10 % — — TSIRC_start SIRC Startup Time 1 — — 3 ms — — TSIRC_DC SIRC duty cycle 30 — 70 % — — 1. Startup time is for information only. 11.3 PLL Table 38. PLL Symbol Description Min Typ Max Unit Condition Spec Number FPLL_in PLL input frequency 8 — 40 MHz This is the frequency after the Reference Divider within the PLL — FPLL_out PLL output frequency (PLL_PHI n_CLK) 48 — 320 MHz — — Table continues on the next page... NXP Semiconductors Clocking modules S32K3xx Data Sheet, Rev. 5.2, 10/2022 Data Sheet: Technical Data Preliminary Information 91 / 137 |