| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1632 bảng dữ liệu(PDF) 141 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1632 bảng dữ liệu(HTML) 141 Page - Microchip Technology |
|
141 / 636 page ![]() 2012-2018 Microchip Technology Inc. DS00001592B-page 141 MEC1632 7.8.5.1 LPC Blocks Clock Required Status Register TABLE 7-49: LPC Blocks Clock Required Status Register HOST ADDRESS N/A N/A HOST SIZE EC OFFSET 18h 32-bit EC SIZE POWER VTR N/A nSYS_RST DEFAULT BUS EC SPB BIT D31 D30 D28 D28 D27 D26 D25 D24 HOST TYPE –– – – – – – – EC TYPE RR R R R R R R BIT NAME Reserved BIT D23 D22 D21 D20 D19 D18 D17 D16 HOST TYPE –– – – – – – – EC TYPE RR R R R R R R BIT NAME Reserved BIT D15 D14 D13 D12 D11 D10 D9 D8 HOST TYPE –– – – – – – – EC TYPE RR R R R R R R BIT NAME Reserved BDP1 BDP0 BIT D7 D6 D5 D4 D3 D2 D1 D0 HOST TYPE –– – – – – – – EC TYPE RR R R R R R R BIT NAME RTC MCHP Reserved EMI FLASH SPI MCHP Reserved UART LPC Reserved |