công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MEC1632 bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện MEC1632
Giải thích chi tiết về linh kiện  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 33Page - Microchip Technology MEC1632 Datasheet HTML 34Page - Microchip Technology MEC1632 Datasheet HTML 35Page - Microchip Technology MEC1632 Datasheet HTML 36Page - Microchip Technology MEC1632 Datasheet HTML 37Page - Microchip Technology MEC1632 Datasheet HTML 38Page - Microchip Technology MEC1632 Datasheet HTML 39Page - Microchip Technology MEC1632 Datasheet HTML 40Page - Microchip Technology MEC1632 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 37
MEC1632
TABLE 3-31:
MULTIPLEXING TABLE (6 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
41
0
GPIO204
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
41
Default: 1
ADC4
I_AN
AVTR_ADC
AVTR_ADC
Low
41
2
Reserved
Reserved
Reserved
Reserved
41
3
Reserved
Reserved
Reserved
Reserved
42
0
GPIO214
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
42
Default: 1
ADC12
I_AN
AVTR_ADC
AVTR_ADC
Low
42
2
Reserved
Reserved
Reserved
Reserved
42
3
Reserved
Reserved
Reserved
Reserved
43
0
GPIO205
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
43
Default: 1
ADC5
I_AN
AVTR_ADC
AVTR_ADC
Low
43
2
Reserved
Reserved
Reserved
Reserved
43
3
Reserved
Reserved
Reserved
Reserved
44
0
GPIO215
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
44
Default: 1
ADC13
I_AN
AVTR_ADC
AVTR_ADC
Low
44
2
Reserved
Reserved
Reserved
Reserved
44
3
Reserved
Reserved
Reserved
Reserved
45
0
GPIO206
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
45
Default: 1
ADC6
I_AN
AVTR_ADC
AVTR_ADC
Low
45
2
Reserved
Reserved
Reserved
Reserved
45
3
Reserved
Reserved
Reserved
Reserved
46
0
GPIO216
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
46
Default: 1
ADC14
I_AN
AVTR_ADC
AVTR_ADC
Low
46
2
Reserved
Reserved
Reserved
Reserved
46
3
Reserved
Reserved
Reserved
Reserved
47
0
GPIO207
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
47
Default: 1
ADC7
I_AN
AVTR_ADC
AVTR_ADC
Low
47
2
Reserved
Reserved
Reserved
Reserved
47
3
Reserved
Reserved
Reserved
Reserved
48
0
GPIO217
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
48
Default: 1
ADC15
I_AN
AVTR_ADC
AVTR_ADC
Low
48
2
Reserved
Reserved
Reserved
Reserved
48
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More