công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADUC7023BCPZ62I-R7 bảng dữ liệu(PDF) 94 Page - Analog Devices

tên linh kiện ADUC7023BCPZ62I-R7
Giải thích chi tiết về linh kiện  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 bảng dữ liệu(HTML) 94 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 90Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 91Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 92Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 93Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 94Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 95Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 96Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 97Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 98Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 94 of 98
DEVELOPMENT TOOLS
PC-BASED TOOLS
Four types of development systems are available for the
ADuC7023 family. The ADuC7023 QuickStart Plus is intended
for new users who want to have a comprehensive hardware
development environment.
These systems consist of the following PC-based (Windows®
compatible) hardware and software development tools.
Hardware
The hardware system uses the ADuC7023 evaluation board, a
serial port programming cable, and a RDI-compliant JTAG
emulator (included in the ADuC7023 QuickStart Plus only).
Software
The software system has an integrated development environment,
incorporating an assembler, compiler, and nonintrusive JTAG-
based debugger. The software sytem uses a serial downloader
software and example code.
Miscellaneous
The miscellaneous systems use CD-ROM documentation.
IN-CIRCUIT I2C DOWNLOADER
An I2C-based serial downloader is available at www.analog.com.
This software requires an USB-to-I2C adaptor board available
from Analog Devices. The part number for this USB-to-I2C
adapter is USB-I2C/LIN-CONV-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98