| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
26HS01GTAM03 bảng dữ liệu(PDF) 32 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
26HS01GTAM03 bảng dữ liệu(HTML) 32 Page - Infineon Technologies AG |
|
32 / 166 page ![]() Datasheet 32 of 166 002-12337 Rev. *Y 2022-01-18 256Mb/512Mb/1Gb SEMPER™ Flash HYPERBUS™ interface, 1.8V/3.0V Features Figure 21 Infineon Endurance Flex architecture overview (Continued) Table 15 Region definitions[12, 13, 14, 15] Region Lower limit Upper limit 0 Sector 0 Address Pointer 1 1 Address Pointer 1 Address Pointer 2 2 Address Pointer 2 Address Pointer 3 3 Address Pointer 3 Address Pointer 4 4 Address Pointer 4 Highest Sector Notes 12. The pointer addresses must obey the following rules: Pointer#4 address > Pointer#3 address Pointer#3 address > Pointer#2 address Pointer#2 address > Pointer#1 address 13. 4KB sectors are excluded. 14. It is required that the high data endurance and long data retention regions are configured at the time the device is first powered-up by the customer. Once configured, they can never be changed again. 15. The minimum size of any high endurance region is 20 sectors. |