| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 243 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 243 Page - Zilog, Inc. |
|
243 / 244 page ![]() Z8 Encore! XP® F08xA Series Product Specification PS024705-0405 P R E L I M I N A R Y Index 225 subtract with carry 174 subtract with carry - extended addressing 174 SUBX 174 SWAP 178 swap nibbles 178 symbols, additional 173 T TCM 175 TCMX 175 test complement under mask 175 test complement under mask - extended ad- dressing 175 test under mask 175 test under mask - extended addressing 175 timer signals 9 timers 58 architecture 58 block diagram 59 capture mode 66, 67, 76, 77 capture/compare mode 70, 76 compare mode 68, 76 continuous mode 60, 76 counter mode 61, 62 counter modes 76 gated mode 69, 76 one-shot mode 59, 75 operating mode 59 PWM mode 63, 64, 76 reading the timer count values 71 reload high and low byte registers 72 timer control register definitions 72 timer output signal operation 71 timers 0-3 control registers 74, 75 high and low byte registers 72, 73 TM 175 TMX 175 tools, hardware and software 215 transmit IrDA data 105 transmitting UART data-polled method 86 transmitting UART dat-interrupt-driven method 87 TRAP 177 U UART 4 architecture 84 baud rate generator 94 baud rates table 102 control register definitions 95 controller signals 9 data format 85 interrupts 92 multiprocessor mode 90 receiving data using interrupt-driven meth- od 89 receiving data using the polled method 88 transmitting data usin the interrupt-driven method 87 transmitting data using the polled method 86 x baud rate high and low registers 101 x control 0 and control 1 registers 98 x status 0 and status 1 registers 96, 97 UxBRH register 101 UxBRL register 101 UxCTL0 register 98, 101 UxCTL1 register 99 UxRXD register 96 UxSTAT0 register 96 UxSTAT1 register 97 UxTXD register 95 V vector 172 voltage brown-out reset (VBR) 22 W watch-dog timer approximate time-out delay 80 approximate time-out delays 79, 122, 124, 160, 169 |