công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082ASH020SC bảng dữ liệu(PDF) 222 Page - Zilog, Inc.

tên linh kiện Z8F082ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC bảng dữ liệu(HTML) 222 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 218Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 219Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 220Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 221Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 222Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 223Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 224Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 225Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 226Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Electrical Characteristics
Z8 Encore! XP® F08xA Series
Product Specification
204
UART Timing
Figure 35 and Table 130 provide timing information for UART pins for the case where
CTS is used for flow control. The CTS to DE assertion delay (T1) assumes the transmit
data register has been loaded with data prior to CTS assertion.
Figure 35. UART Timing With CTS
Table 130. UART Timing With CTS
Parameter
Abbreviation
Delay (ns)
Minimum
Maximum
UART
T1
CTS Fall to DE output delay
2 * XIN
period
2 * XIN period
+ 1 bit time
T2
DE assertion to TXD falling edge (start bit) delay ± 5
T3
End of Stop Bit(s) to DE deassertion delay
± 5
CTS
DE
T1
(Output)
TXD
T2
(Output)
(Input)
start
bit 0
bit 1
bit 7
parity
stop
end of
stop bit(s)
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More