| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082ASH020SC bảng dữ liệu(PDF) 101 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC bảng dữ liệu(HTML) 101 Page - Zilog, Inc. |
|
101 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Watch-Dog Timer Z8 Encore! XP® F08xA Series Product Specification 83 The 24-bit WDT Reload Value must not be set to a value less than 000004H. WDTU—WDT Reload Upper Byte Most significant byte (MSB), Bits[23:16], of the 24-bit WDT reload value. WDTH—WDT Reload High Byte Middle byte, Bits[15:8], of the 24-bit WDT reload value. WDTL—WDT Reload Low Least significant byte (LSB), Bits[7:0], of the 24-bit WDT reload value. Table 57. Watch-Dog Timer Reload Upper Byte Register (WDTU) BITS 7 6 5 4 3 2 1 0 FIELD WDTU RESET 11 11 11 11 R/W R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* ADDR FF1H R/W* - Read returns the current WDT count value. Write sets the appropriate Reload Value. Table 58. Watch-Dog Timer Reload High Byte Register (WDTH) BITS 7 6 5 4 3 2 1 0 FIELD WDTH RESET 11 11111 1 R/W R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* ADDR FF2H R/W* - Read returns the current WDT count value. Write sets the appropriate Reload Value. Table 59. Watch-Dog Timer Reload Low Byte Register (WDTL) BITS 7 6 5 4 3 2 1 0 FIELD WDTL RESET 111 1111 1 R/W R/W* R/W* R/W* R/W* R/W* R/W* R/W* R/W* ADDR FF3H R/W* - Read returns the current WDT count value. Write sets the appropriate Reload Value. Caution: |