công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 172 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 172 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 168Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 169Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 170Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 171Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 172Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 173Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 174Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 175Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 226 page
background image
8.12.7 Universal Parallel Port (uPP) Interface
The uPP interface is a high-speed parallel interface with dedicated data lines and minimal control signals. The
uPP interface is designed to interface cleanly with high-speed ADCs or DACs with 8-bit data width. It can also be
interconnected with field-programmable gate arrays (FPGAs) or other uPP devices to achieve high-speed digital
data transfer. It can operate in receive mode or transmit mode (simplex mode).
The uPP interface includes an internal DMA controller to maximize throughput and minimize CPU overhead
during high-speed data transmission. All uPP transactions use internal DMA to feed data to or retrieve data from
the I/O channels. Even though there is only one I/O channel, the DMA controller includes two DMA channels to
support data interleave mode, in which all DMA resources service a single I/O channel.
On this device, the uPP interface is the dedicated resource for the CPU1 subsystem. CPU1, CPU1.CLA1, and
CPU1.DMA have access to this module. Two dedicated 512-byte data RAMs (also known as MSG RAMs) are
tightly coupled with the uPP module (one for each, TX and RX). These data RAMs are used to store the bulk of
data to avoid frequent interruptions to the CPU. Only CPU1 and CPU1.CLA1 have access to these data RAMs.
Figure 8-77 shows the integration of the uPP on this device.
CPU1.CLA1
CPU1.DMA
Arbi
t
Arbiter X
SECMSEL.PF2SEL
uPP
(Universal
Parallel Port)
RX-DATARAM
512 Byte
(Dual Port
Memory)
TX-DATARAM
512 Byte
(Dual Port
Memory)
Arbi
t
CPU1
Arbiter Y
0
1
Arbi
t
Arbiter Y
CPU1
CPU1.CLA1
CPU1
CPU1.CLA1
WRITE
READ
I/O Interface
uPP DMA READ
uPP DMA WRITE
Figure 8-77. uPP Integration
Note
On some TI devices, the uPP module is also called the Radio Peripheral Interface (RPI) module.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
172
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com