công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 173 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 173 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 169Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 170Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 171Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 172Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 173Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 174Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 175Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 176Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 226 page
background image
The uPP interface supports the following:
• Mainstream high-speed data converters with parallel conversion interface.
• Mainstream high-speed streaming interface with frame START indication.
• Mainstream high-speed streaming interface with data ENABLE indication.
• Mainstream high-speed streaming interface with synchronization WAIT signal.
• SDR (single-data-rate) or DDR (double-data-rate, interleaved) interface.
• Multiplexing of interleaved data in SDR transmit case.
• Demultiplexing and multiplexing of interleaved data in DDR case.
• I/O interface clock frequency up to 50 MHz for SDR, and 25 MHz for DDR.
• Single-channel 8-bit input receive or output transmit mode.
• Max throughput is 50MB/s for pure read or pure write.
• Available as a DSP to FPGA general-purpose streaming interface.
Figure 8-78 shows the uPP functional block diagram.
Arbit
Internal
DMA
Arbi
t
I-FIFO
Arbi
Q-FIFO
Data Interleaving
(TX/RX)
64 Bit
MEM WR I/F
64 Bit
MEM RD I/F
Transmit Timing
and Control
CLKDIVIDER
CPU1.SYSCLK
Receive Timing
and Control
Interrupt/Trigger
Configuration
I/F
G
P
I
O
M
U
X
and
I/O
C
O
N
T
R
O
L
ENABLE OUT
START OUT
WAIT IN
ENABLE IN
START IN
WAIT OUT
ENABLE/GPIOx
START/GPIOx
WAIT/GPIOx
CLK OUT
CLK IN
CLK/GPIOx
DATA OUT
DATA IN
DATA[7:0]/GPIOx
uPP
Control Mux
MMR
Figure 8-78. uPP Functional Block Diagram
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
173
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com