công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 28Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 29Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 30Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 31Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 32Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 33Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 34Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 35Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO117
0, 4, 8, 12
U12
–
–
I/O
General-purpose input/output 117
EM2SDCKE
3
O
External memory interface 2 SDRAM clock enable
GPIO118
0, 4, 8, 12
T12
–
–
I/O
General-purpose input/output 118
EM2CLK
3
O
External memory interface 2 clock
GPIO119
0, 4, 8, 12
T15
–
–
I/O
General-purpose input/output 119
EM2RNW
3
O
External memory interface 2 read not write
GPIO120
0, 4, 8, 12
U15
–
–
I/O
General-purpose input/output 120
EM2WE
3
O
External memory interface 2 write enable
USB0PFLT
15
I/O
USB external regulator power fault indicator
GPIO121
0, 4, 8, 12
W16
–
–
I/O
General-purpose input/output 121
EM2OE
3
O
External memory interface 2 output enable
USB0EPEN
15
I/O
USB external regulator enable
GPIO122
0, 4, 8, 12
T8
–
–
I/O
General-purpose input/output 122
SPISIMOC
6
I/O
SPI-C slave in, master out
SD1_D1
7
I
Sigma-Delta 1 channel 1 data input
GPIO123
0, 4, 8, 12
U8
–
–
I/O
General-purpose input/output 123
SPISOMIC
6
I/O
SPI-C slave out, master in
SD1_C1
7
I
Sigma-Delta 1 channel 1 clock input
GPIO124
0, 4, 8, 12
V8
–
–
I/O
General-purpose input/output 124
SPICLKC
6
I/O
SPI-C clock
SD1_D2
7
I
Sigma-Delta 1 channel 2 data input
GPIO125
0, 4, 8, 12
T9
–
–
I/O
General-purpose input/output 125
SPISTEC
6
I/O
SPI-C slave transmit enable
SD1_C2
7
I
Sigma-Delta 1 channel 2 clock input
GPIO126
0, 4, 8, 12
U9
–
–
I/O
General-purpose input/output 126
SD1_D3
7
I
Sigma-Delta 1 channel 3 data input
GPIO127
0, 4, 8, 12
V9
–
–
I/O
General-purpose input/output 127
SD1_C3
7
I
Sigma-Delta 1 channel 3 clock input
GPIO128
0, 4, 8, 12
W9
–
–
I/O
General-purpose input/output 128
SD1_D4
7
I
Sigma-Delta 1 channel 4 data input
GPIO129
0, 4, 8, 12
T10
–
–
I/O
General-purpose input/output 129
SD1_C4
7
I
Sigma-Delta 1 channel 4 clock input
GPIO130
0, 4, 8, 12
U10
–
–
I/O
General-purpose input/output 130
SD2_D1
7
I
Sigma-Delta 2 channel 1 data input
GPIO131
0, 4, 8, 12
V10
–
–
I/O
General-purpose input/output 131
SD2_C1
7
I
Sigma-Delta 2 channel 1 clock input
GPIO132
0, 4, 8, 12
W18
–
–
I/O
General-purpose input/output 132
SD2_D2
7
I
Sigma-Delta 2 channel 2 data input
GPIO133/AUXCLKIN
0, 4, 8, 12
G18
118
–
I/O
General-purpose input/output 133. The AUXCLKIN
function of this GPIO pin could be used to provide a
single-ended 3.3-V level clock signal to the Auxiliary
Phase-Locked Loop (AUXPLL), whose output is used for
the USB module. The AUXCLKIN clock may also be used
for the CAN module.
SD2_C2
7
I
Sigma-Delta 2 channel 2 clock input
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com