công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 13Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 14Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 15Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 16Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 17Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 18Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 19Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 20Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 226 page
background image
7.2 Signal Descriptions
Section 7.2.1 describes the signals. The GPIO function is the default at reset, unless otherwise mentioned. The
peripheral signals that are listed under them are alternate functions. Some peripheral functions may not be
available in all devices. See Table 6-1 for details. All GPIO pins are I/O/Z and have an internal pullup, which can
be selectively enabled or disabled on a per-pin basis. This feature only applies to the GPIO pins. The pullups are
not enabled at reset.
7.2.1 Signal Descriptions
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
ADC, DAC, AND COMPARATOR SIGNALS
VREFHIA
V1
37
19
I
ADC-A high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should be
placed as close to the device as possible between the
VREFHIA and VREFLOA pins.
NOTE: Do not load this pin externally.
VREFHIB
W5
53
37
I
ADC-B high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should be
placed as close to the device as possible between the
VREFHIB and VREFLOB pins.
NOTE: Do not load this pin externally.
VREFHIC
R1
35
–
I
ADC-C high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should be
placed as close to the device as possible between the
VREFHIC and VREFLOC pins.
NOTE: Do not load this pin externally.
VREFHID
V5
55
–
I
ADC-D high reference. This voltage must be driven into
the pin from external circuitry. Place at least a 1-µF
capacitor on this pin for the 12-bit mode, or at least a 22-
µF capacitor for the 16-bit mode. This capacitor should be
placed as close to the device as possible between the
VREFHID and VREFLOD pins.
NOTE: Do not load this pin externally.
VREFLOA
R2
33
17
I
ADC-A low reference.
On the PZP package, pin 17 is double-bonded to VSSA
and VREFLOA. On the PZP package, pin 17 must be
connected to VSSA on the system board.
VREFLOB
V6
50
34
I
ADC-B low reference
VREFLOC
P2
32
–
I
ADC-C low reference
VREFLOD
W6
51
–
I
ADC-D low reference
ADCIN14
T4
44
26
I
Input 14 to all ADCs. This pin can be used as a general-
purpose ADCIN pin or it can be used to calibrate all ADCs
together (either single-ended or differential) from an
external reference.
CMPIN4P
I
Comparator 4 positive input
ADCIN15
U4
45
27
I
Input 15 to all ADCs. This pin can be used as a general-
purpose ADCIN pin or it can be used to calibrate all ADCs
together (either single-ended or differential) from an
external reference.
CMPIN4N
I
Comparator 4 negative input
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com