công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 79 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 79 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 75Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 76Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 77Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 78Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 79Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 80Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 81Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 82Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 226 page
background image
8.9.8 Low-Power Modes
This device has three clock-gating low-power modes and a special power-gating mode.
Further details, as well as the entry and exit procedure, for all of the low-power modes can be found in the Low
Power Modes section of the TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual .
8.9.8.1 Clock-Gating Low-Power Modes
IDLE, STANDBY, and HALT modes on this device are similar to those on other C28x devices. Table 8-5
describes the effect on the system when any of the clock-gating low-power modes are entered.
Table 8-5. Effect of Clock-Gating Low-Power Modes on the Device
MODULES/
CLOCK DOMAIN
CPU1 IDLE
CPU1 STANDBY
CPU2 IDLE
CPU2 STANDBY
HALT
CPU1.CLKIN
Active
Gated
N/A
N/A
Gated
CPU1.SYSCLK
Active
Gated
N/A
N/A
Gated
CPU1.CPUCLK
Gated
Gated
N/A
N/A
Gated
CPU2.CLKIN
N/A
N/A
Active
Gated
Gated
CPU2.SYSCLK
N/A
N/A
Active
Gated
Gated
CPU2.CPUCLK
N/A
N/A
Gated
Gated
Gated
Clock to modules
Connected to
PERx.SYSCLK
Active
Gated if
CPUSEL.PERx =
CPU1
Active
Gated if
CPUSEL.PERx =
CPU2
Gated
CPU1.WDCLK
Active
Active
N/A
N/A
Gated if CLKSRCCTL1.WDHALTI
= 0
CPU2.WDCLK
N/A
N/A
Active
Active
Gated
AUXPLLCLK
Active
Active
Active
Active
Gated
PLL
Powered
Powered
Powered
Powered
Software must power down PLL
before entering HALT
INTOSC1
Powered
Powered
Powered
Powered
Powered down if
CLKSRCCTL1.WDHALTI = 0
INTOSC2
Powered
Powered
Powered
Powered
Powered down if
CLKSRCCTL1.WDHALTI = 0
Flash
Powered
Powered
Powered
Powered
Software-Controlled
X1/X2 Crystal
Oscillator
Powered
Powered
Powered
Powered
Powered-Down
8.9.8.2 Power-Gating Low-Power Modes
HIBERNATE mode is the lowest power mode on this device. It is a global low-power mode that gates the supply
voltages to most of the system. HIBERNATE is essentially a controlled power-down with remote wakeup
capability, and can be used to save power during long periods of inactivity. Table 8-6 describes the effects on the
system when the HIBERNATE mode is entered.
Table 8-6. Effect of Power-Gating Low-Power Mode on the Device
MODULES/POWER DOMAINS
HIBERNATE
M0 and M1 memories
● Remain on with memory retention if LPMCR.M0M1MODE = 0x00
● Are off when LPMCR.M0M1MODE = 0x01
CPU1, CPU2, digital peripherals
Powered down
Dx, LSx, GSx memories
Power down, memory contents are lost
I/Os
On with output state preserved
Oscillators, PLL, analog
peripherals, Flash
Enters Low-Power Mode
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com