| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPZP bảng dữ liệu(PDF) 99 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP bảng dữ liệu(HTML) 99 Page - Texas Instruments |
|
99 / 226 page ![]() 8.10.1 Analog-to-Digital Converter (ADC) The ADCs on this device are successive approximation (SAR) style ADCs with selectable resolution of either 16 bits or 12 bits. There are multiple ADC modules which allow simultaneous sampling. The ADC wrapper is start-of-conversion (SOC) based [see the SOC Principle of Operation section of the TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual . Each ADC has the following features: • Selectable resolution of 16 bits or 12 bits • Ratiometric external reference set by VREFHI and VREFLO • Differential signal conversions (16-bit mode only) • Single-ended signal conversions (12-bit mode only) • Input multiplexer with up to 16 channels (single-ended) or 8 channels (differential) • 16 configurable SOCs • 16 individually addressable result registers • Multiple trigger sources – Software immediate start – All ePWMs – GPIO XINT2 – CPU timers – ADCINT1 or 2 • Four flexible PIE interrupts • Burst mode • Four post-processing blocks, each with: – Saturating offset calibration – Error from setpoint calculation – High, low, and zero-crossing compare, with interrupt and ePWM trip capability – Trigger-to-sample delay capture www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 99 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |