công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 86 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 86 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 82Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 83Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 84Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 85Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 86Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 87Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 88Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 89Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
Inactive
Device Active
CPU1 IDLE
Instruction
Enabled
Bypassed &
Powered -Down
On
Powered Down
Powering up
On
HIBERNATE
CPU1 Boot ROM
Device Status
INTOSC1,INTOSC2,
X1/X2
GPIOHIBWAKEn,
XRSn
PLLs
I/O Isolation
IoRestore() or Application Specific Operation
CPU1 HIB
config
(A)
(B)
(C)
(D)
tw(HIBWAKEn),
tw(XRSn)
(F)
(G)(H)
(I)(J)
XCLKCOUT
Application Specific Operation
Application SpecificOperation
(E)
td(IDLE-XCOS)
Td(WAKE-HIB)
A. CPU1 does necessary application-specific context save to M0/M1 memories if required. This includes GPIO state if using I/O Isolation.
Configures the LPMCR register of CPU1 for HIBERNATE mode. Powers down Flash Pump/Bank, USB-PHY, CMPSS, DAC, and ADC
using their register configurations. The application should also power down the PLL and peripheral clocks before entering HIBERNATE.
In dual-core applications, CPU1 should confirm that CPU2 has entered IDLE/STANDBY using the LPMSTAT register.
B. IDLE instruction is executed to put the device into HIBERNATE mode.
C. The device is now in HIBERNATE mode. If configured, I/O isolation is turned on, M0 and M1 memories are retained. CPU1 and CPU2
are powered down. Digital peripherals are powered down. The oscillators, PLLs, analog peripherals, and Flash are in their software-
controlled Low-Power modes. Dx, LSx, and GSx memories are also powered down, and their memory contents lost.
D. A falling edge on the GPIOHIBWAKEn pin will drive the wakeup of the devices clock sources INTOSC1, INTOSC2, and X1/X2 OSC. The
wakeup source must keep the GPIOHIBWAKEn pin low long enough to ensure full power-up of these clock sources.
E. After the clock sources are powered up, the GPIOHIBWAKEn must be driven high to trigger the wakeup sequence of the remainder of
the device.
F. The BootROM will then begin to execute. The BootROM can distinguish a HIBERNATE wakeup by reading the CPU1.REC.HIBRESETn
bit. After the TI OTP trims are loaded, the BootROM code will branch to the user-defined IoRestore function if it has been configured.
G. At this point, the device is out of HIBERNATE mode, and the application may continue.
H. The IoRestore function is a user-defined function where the application may reconfigure GPIO states, disable I/O isolation, reconfigure
the PLL, restore peripheral configurations, or branch to application code. This is up to the application requirements.
I.
If the application has not branched to application code, the BootROM will continue after completing IoRestore. It will disable I/O isolation
automatically if it was not taken care of inside of IoRestore. CPU2 will be brought out of reset at this point as well.
J. BootROM will then boot as determined by the HIBBOOTMODE register. Refer to the ROM Code and Peripheral Booting chapter of the
TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual for more information.
Figure 8-20. HIBERNATE Entry and Exit Timing Diagram
Note
1. If the IORESTOREADDR is configured as the default value, the BootROM will continue its
execution to boot as determined by the HIBBOOTMODE register. Refer to the ROM Code and
Peripheral Booting chapter of the TMS320F2837xD Dual-Core Microcontrollers Technical
Reference Manual for more information.
2. The user may choose to disable I/O Isolation at any point in the IoRestore function. Regardless if
the user has disabled Isolation in the IoRestore function or if IoRestore is not defined, the
BootROM will automatically disable isolation before booting as determined by the HIBBOOTMODE
register.
Note
For applications using both CPU1 and CPU2, TI recommends that the application puts CPU2 in either
IDLE or STANDBY before entering HIBERNATE mode. If any GPIOs are used and the state is to be
preserved, data can be stored in M0/M1 memory of CPU1 to be reconfigured upon wakeup. This
should be done before step A of Figure 8-20.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
86
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com