công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 66 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 66 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 62Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 63Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 64Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 65Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 66Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 67Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 68Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 69Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 226 page
background image
8.9.3.2.2 Internal Clock Frequencies
Section 8.9.3.2.2.1 provides the clock frequencies for the internal clocks.
8.9.3.2.2.1 Internal Clock Frequencies
MIN
NOM
MAX
UNIT
f(SYSCLK)
Frequency, device (system) clock
2
200(2)
MHz
tc(SYSCLK)
Period, device (system) clock
5(2)
500
ns
f(PLLRAWCLK)
Frequency, system PLL output (before SYSCLK
divider)
120
400
MHz
f(AUXPLLRAWCLK)
Frequency, auxiliary PLL output (before AUXCLK
divider)
120
400
MHz
f(AUXPLL)
Frequency, AUXPLLCLK
2
60
60
MHz
f(PLL)
Frequency, PLLSYSCLK
2
200(2)
MHz
f(LSP)
Frequency, LSPCLK
2
200(2)
MHz
tc(LSPCLK)
Period, LSPCLK
5(2)
500
ns
f(OSCCLK)
Frequency, OSCCLK (INTOSC1 or INTOSC2 or
XTAL or X1)
See respective clock
MHz
f(EPWM)
Frequency, EPWMCLK(1)
100
MHz
f(HRPWM)
Frequency, HRPWMCLK
60
100
MHz
(1)
For SYSCLK above 100 MHz, the EPWMCLK must be half of SYSCLK.
(2)
Using an external clock source. If INTOSC1 or INTOSC2 is used as the clock source, then the maximum frequency is 194 MHz and
the minimum period is 5.15 ns.
8.9.3.2.3 Output Clock Frequency and Switching Characteristics
Section 8.9.3.2.3.1 provides the frequency of the output clock. Section 8.9.3.2.3.2 shows the switching
characteristics of the output clock, XCLKOUT.
8.9.3.2.3.1 Output Clock Frequency
MIN
MAX
UNIT
f(XCO)
Frequency, XCLKOUT
50
MHz
8.9.3.2.3.2 XCLKOUT Switching Characteristics (PLL Bypassed or Enabled)
over recommended operating conditions (unless otherwise noted)
PARAMETER(1) (2)
MIN
MAX
UNIT
tf(XCO)
Fall time, XCLKOUT
5
ns
tr(XCO)
Rise time, XCLKOUT
5
ns
tw(XCOL)
Pulse duration, XCLKOUT low
H – 2
H + 2
ns
tw(XCOH)
Pulse duration, XCLKOUT high
H – 2
H + 2
ns
(1)
A load of 40 pF is assumed for these parameters.
(2)
H = 0.5tc(XCO)
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
66
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com