công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 174 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 174 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 170Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 171Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 172Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 173Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 174Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 175Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 176Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 177Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 226 page
background image
8.12.7.1 uPP Electrical Data and Timing
Section 8.12.7.1.1 shows the uPP timing requirements. Section 8.12.7.1.2 shows the uPP switching
characteristics. Figure 8-79 through Figure 8-82 show the uPP timing diagrams.
8.12.7.1.1 uPP Timing Requirements
NO.
MIN
MAX UNIT
1
tc(CLK)
Cycle time, CLK
SDR mode
20
ns
DDR mode
40
2
tw(CLKH)
Pulse width, CLK high
SDR mode
8
ns
DDR mode
18
3
tw(CLKL)
Pulse width, CLK low
SDR mode
8
ns
DDR mode
18
4
tsu(STV-CLKH)
Setup time, START valid before CLK high
4
ns
5
th(CLKH-STV)
Hold time, START valid after CLK high
0.8
ns
6
tsu(ENV-CLKH)
Setup time, ENABLE valid before CLK high
4
ns
7
th(CLKH-ENV)
Hold time, ENABLE valid after CLK high
0.8
ns
8
tsu(DV-CLKH)
Setup time, DATA valid before CLK high
4
ns
9
th(CLKH-DV)
Hold time, DATA valid after CLK high
0.8
ns
10
tsu(DV-CLKL)
Setup time, DATA valid before CLK low
4
ns
11
th(CLKL-DV)
Hold time, DATA valid after CLK low
0.8
ns
19
tsu(WTV-CLKH)
Setup time, WAIT valid before CLK high
SDR mode
20
ns
20
th(CLKH-WTV)
Hold time, WAIT valid after CLK high
SDR mode
0
ns
21
tsu(WTV-CLKL)
Setup time, WAIT valid before CLK low
DDR mode
20
ns
22
th(CLKL-WTV)
Hold time, WAIT valid after CLK low
DDR mode
0
ns
8.12.7.1.2 uPP Switching Characteristics
over recommended operating conditions (unless otherwise noted)
NO.
PARAMETER
MIN
MAX UNIT
12
tc(CLK)
Cycle time, CLK
SDR mode
20
ns
DDR mode
40
13
tw(CLKH)
Pulse width, CLK high
SDR mode
8
ns
DDR mode
18
14
tw(CLKL)
Pulse width, CLK low
SDR mode
8
ns
DDR mode
18
15
td(CLKH-STV)
Delay time, START valid after CLK high
3
12
ns
16
td(CLKH-ENV)
Delay time, ENABLE valid after CLK high
3
12
ns
17
td(CLKH-DV)
Delay time, DATA valid after CLK high
3
12
ns
18
td(CLKL-DV)
Delay time, DATA valid after CLK low
3
12
ns
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
174
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com