công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 168 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 168 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 164Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 165Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 166Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 167Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 168Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 169Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 170Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 171Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 226 page
background image
8.12.5.1.2 SPI Slave Mode Timings
Section 8.12.5.1.2.1 lists the SPI slave mode timing requirements. Section 8.12.5.1.2.2 lists the SPI slave mode
switching characteristics. Figure 8-74 shows the SPI slave mode external timing where the clock phase = 0.
Figure 8-75 shows the SPI slave mode external timing where the clock phase = 1.
8.12.5.1.2.1 SPI Slave Mode Timing Requirements
NO.
MIN
MAX
UNIT
12
tc(SPC)S
Cycle time, SPICLK
4tc(SYSCLK)
ns
13
tw(SPC1)S
Pulse duration, SPICLK, first pulse
2tc(SYSCLK) – 1
ns
14
tw(SPC2)S
Pulse duration, SPICLK, second pulse
2tc(SYSCLK) – 1
ns
19
tsu(SIMO)S
Setup time, SPISIMO valid before SPICLK
1.5tc(SYSCLK)
ns
20
th(SIMO)S
Hold time, SPISIMO valid after SPICLK
1.5tc(SYSCLK)
ns
25
tsu(STE)S
Setup time, SPISTE valid before
SPICLK (Clock Phase = 0)
2tc(SYSCLK) + 4
ns
Setup time, SPISTE valid before
SPICLK (Clock Phase = 1)
2tc(SYSCLK) + 14
ns
26
th(STE)S
Hold time, SPISTE invalid after SPICLK
1.5tc(SYSCLK)
ns
8.12.5.1.2.2 SPI Slave Mode Switching Characteristics
over recommended operating conditions (unless otherwise noted)
NO.
PARAMETER
MIN
MAX
UNIT
High Speed Mode
15
td(SOMI)S
Delay time, SPICLK to SPISOMI valid
9
ns
16
tv(SOMI)S
Valid time, SPISOMI valid after SPICLK
0
ns
Normal Mode
15
td(SOMI)S
Delay time, SPICLK to SPISOMI valid
20
ns
16
tv(SOMI)S
Valid time, SPISOMI valid after SPICLK
0
ns
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
168
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com