công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 140 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 140 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 136Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 137Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 138Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 139Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 140Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 141Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 142Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 143Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 226 page
background image
8.11.5.1 SDFM Electrical Data and Timing (Using ASYNC)
SDFM operation with asynchronous GPIO is defined by setting GPyQSELn = 0b11. Section 8.11.5.1.1 lists the
SDFM timing requirements when using the asynchronous GPIO (ASYNC) option. Figure 8-56 through Figure
8-59 show the SDFM timing diagrams.
8.11.5.1.1 SDFM Timing Requirements When Using Asynchronous GPIO (ASYNC) Option
MIN
MAX
UNIT
Mode 0
tc(SDC)M0
Cycle time, SDx_Cy
40
256 * SYSCLK period
ns
tw(SDCH)M0
Pulse duration, SDx_Cy high
10
tc(SDC)M0 – 10
ns
tsu(SDDV-SDCH)M0
Setup time, SDx_Dy valid before SDx_Cy goes
high
5
ns
th(SDCH-SDD)M0
Hold time, SDx_Dy wait after SDx_Cy goes high
5
ns
Mode 1
tc(SDC)M1
Cycle time, SDx_Cy
80
256 * SYSCLK period
ns
tw(SDCH)M1
Pulse duration, SDx_Cy high
10
tc(SDC)M1 – 10
ns
tsu(SDDV-SDCL)M1
Setup time, SDx_Dy valid before SDx_Cy goes
low
5
ns
tsu(SDDV-SDCH)M1
Setup time, SDx_Dy valid before SDx_Cy goes
high
5
ns
th(SDCL-SDD)M1
Hold time, SDx_Dy wait after SDx_Cy goes low
5
ns
th(SDCH-SDD)M1
Hold time, SDx_Dy wait after SDx_Cy goes high
5
ns
Mode 2
tc(SDD)M2
Cycle time, SDx_Dy
8 * tc(SYSCLK)
20 * tc(SYSCLK)
ns
tw(SDDH)M2
Pulse duration, SDx_Dy high
10
ns
tw(SDD_LONG_KEEPOUT)M2
SDx_Dy long pulse duration keepout, where the
long pulse must not fall within the MIN or MAX
values listed.
Long pulse is defined as the high or low pulse
which is the full width of the Manchester bit-clock
period.
This requirement must be satisfied for any integer
between 8 and 20.
(N * tc(SYSCLK)) – 0.5
(N * tc(SYSCLK)) + 0.5
ns
tw(SDD_SHORT)M2
SDx_Dy Short pulse duration for a high or low
pulse (SDD_SHORT_H or SDD_SHORT_L).
Short pulse is defined as the high or low pulse
which is half the width of the Manchester bit-clock
period.
tw(SDD_LONG) / 2 –
tc(SYSCLK)
tw(SDD_LONG) / 2 +
tc(SYSCLK)
ns
tw(SDD_LONG_DUTY)M2
SDx_Dy Long pulse variation (SDD_LONG_H –
SDD_LONG_L)
– tc(SYSCLK)
tc(SYSCLK)
ns
tw(SDD_SHORT_DUTY)M2
SDx_Dy Short pulse variation (SDD_SHORT_H –
SDD_SHORT_L)
– tc(SYSCLK)
tc(SYSCLK)
ns
Mode 3
tc(SDC)M3
Cycle time, SDx_Cy
40
256 * SYSCLK period
ns
tw(SDCH)M3
Pulse duration, SDx_Cy high
10
tc(SDC)M3 – 5
ns
tsu(SDDV-SDCH)M3
Setup time, SDx_Dy valid before SDx_Cy goes
high
5
ns
th(SDCH-SDD)M3
Hold time, SDx_Dy wait after SDx_Cy goes high
5
ns
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
140
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com