| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPZP bảng dữ liệu(PDF) 143 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP bảng dữ liệu(HTML) 143 Page - Texas Instruments |
|
143 / 226 page ![]() 8.11.5.2 SDFM Electrical Data and Timing (Using 3-Sample GPIO Input Qualification) SDFM operation with qualified GPIO (3-sample window) is defined by setting GPyQSELn = 0b01. When using this qualified GPIO (3-sample window) mode, the timing requirement for the tw(GPI) pulse duration of 2tc(SYSCLK) must be met. It is important for both SD-Cx and SD-Dx pairs to be configured with the same GPIO qualification option. Section 8.11.5.2.1 lists the SDFM timing requirements when using the GPIO input qualification (3-sample window) option. Figure 8-56 through Figure 8-59 show the SDFM timing diagrams. 8.11.5.2.1 SDFM Timing Requirements When Using GPIO Input Qualification (3-Sample Window) Option MIN(1) MAX UNIT Mode 0 tc(SDC)M0 Cycle time, SDx_Cy 10 * SYSCLK period 256 * SYSCLK period ns tw(SDCHL)M0 Pulse duration, SDx_Cy high/low 4 * SYSCLK period 6 * SYSCLK period ns tw(SDDHL)M0 Pulse duration, SDx_Dy high/low 4 * SYSCLK period ns tsu(SDDV-SDCH)M0 Setup time, SDx_Dy valid before SDx_Cy goes high 2 * SYSCLK period ns th(SDCH-SDD)M0 Hold time, SDx_Dy wait after SDx_Cy goes high 2 * SYSCLK period ns Mode 1 tc(SDC)M1 Cycle time, SDx_Cy 20 * SYSCLK period 256 * SYSCLK period ns tw(SDCH)M1 Pulse duration, SDx_Cy high 4 * SYSCLK period 6 * SYSCLK period ns tw(SDDHL)M1 Pulse duration, SDx_Dy high/low 4 * SYSCLK period ns tsu(SDDV-SDCL)M1 Setup time, SDx_Dy valid before SDx_Cy goes low 2 * SYSCLK period ns tsu(SDDV-SDCH)M1 Setup time, SDx_Dy valid before SDx_Cy goes high 2 * SYSCLK period ns th(SDCL-SDD)M1 Hold time, SDx_Dy wait after SDx_Cy goes low 2 * SYSCLK period ns th(SDCH-SDD)M1 Hold time, SDx_Dy wait after SDx_Cy goes high 2 * SYSCLK period ns Mode 2 tc(SDD)M2 Cycle time, SDx_Dy Option unavailable tw(SDDH)M2 Pulse duration, SDx_Dy high Mode 3 tc(SDC)M3 Cycle time, SDx_Cy 10 * SYSCLK period 256 * SYSCLK period ns tw(SDCHL)M3 Pulse duration, SDx_Cy high 4 * SYSCLK period 6 * SYSCLK period ns tw(SDDHL)M3 Pulse duration, SDx_Dy high/low 4 * SYSCLK period ns tsu(SDDV-SDCH)M3 Setup time, SDx_Dy valid before SDx_Cy goes high 2 * SYSCLK period ns th(SDCH-SDD)M3 Hold time, SDx_Dy wait after SDx_Cy goes high 2 * SYSCLK period ns (1) SDFM timing requirements apply only when the GPIO input qualification type is the 3-sample window (GPyQSELx = 1; QUALPRD = 0) option. It is important that both the SD-Cx and SD-Dx pairs be configured with the 3-sample window option. Note The SDFM Qualified GPIO (3-sample) mode provides protection against SDFM module corruption due to occasional random noise glitches on the SDx_Cy pin that may result in a false comparator trip and filter output. For more details, refer to the "SDFM: Use Caution While Using SDFM Under Noisy Conditions" usage note in the TMS320F2837xD Dual-Core MCUs Silicon Errata . The SDFM Qualified GPIO (3-sample) mode does not provide protection against persistent violations of the above timing requirements. Timing violations will result in data corruption proportional to the number of bits which violate the requirements. www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 143 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |