| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPZP bảng dữ liệu(PDF) 144 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP bảng dữ liệu(HTML) 144 Page - Texas Instruments |
|
144 / 226 page ![]() 8.12 Communications Peripherals Note For the actual number of each peripheral on a specific device, see Table 6-1. 8.12.1 Controller Area Network (CAN) The CAN module performs CAN protocol communication according to ISO 11898-1 (identical to Bosch® CAN protocol specification 2.0 A, B). The bit rate can be programmed to values up to 1 Mbps. A CAN transceiver chip is required for the connection to the physical layer (CAN bus). For communication on a CAN network, individual message objects can be configured. The message objects and identifier masks are stored in the Message RAM. All functions concerning the handling of messages are implemented in the message handler. These functions are: acceptance filtering; the transfer of messages between the CAN Core and the Message RAM; and the handling of transmission requests. The register set of the CAN may be accessed directly by the CPU through the module interface. These registers are used to control and configure the CAN core and the message handler, and to access the message RAM. The CAN module implements the following features: • Complies with ISO11898-1 (Bosch® CAN protocol specification 2.0 A and B) • Bit rates up to 1 Mbps • Multiple clock sources • 32 message objects (“message objects” are also referred to as “mailboxes” in this document; the two terms are used interchangeably), each with the following properties: – Configurable as receive or transmit – Configurable with standard (11-bit) or extended (29-bit) identifier – Supports programmable identifier receive mask – Supports data and remote frames – Holds 0 to 8 bytes of data – Parity-checked configuration and data RAM • Individual identifier mask for each message object • Programmable FIFO mode for message objects • Programmable loop-back modes for self-test operation • Suspend mode for debug support • Software module reset • Automatic bus-on, after bus-off state by a programmable 32-bit timer • Message-RAM parity-check mechanism • Two interrupt lines Note For a CAN bit clock of 200 MHz, the smallest bit rate possible is 7.8125 kbps. Note Depending on the timing settings used, the accuracy of the on-chip zero-pin oscillator (specified in the data manual) may not meet the requirements of the CAN protocol. In this situation, an external clock source must be used. Figure 8-60 shows the CAN block diagram. TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 www.ti.com 144 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |