| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPZP bảng dữ liệu(PDF) 146 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP bảng dữ liệu(HTML) 146 Page - Texas Instruments |
|
146 / 226 page ![]() 8.12.2 Inter-Integrated Circuit (I2C) The I2C module has the following features: • Compliance with the Philips Semiconductors I2C-bus specification (version 2.1): – Support for 1-bit to 8-bit format transfers – 7-bit and 10-bit addressing modes – General call – START byte mode – Support for multiple master-transmitters and slave-receivers – Support for multiple slave-transmitters and master-receivers – Combined master transmit/receive and receive/transmit mode – Data transfer rate of from 10 kbps up to 400 kbps (I2C Fast-mode rate) • One 16-byte receive FIFO and one 16-byte transmit FIFO • One interrupt that can be used by the CPU. This interrupt can be generated as a result of one of the following conditions: – Transmit-data ready – Receive-data ready – Register-access ready – No-acknowledgment received – Arbitration lost – Stop condition detected – Addressed as slave • An additional interrupt that can be used by the CPU when in FIFO mode • Module enable/disable capability • Free data format mode TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 www.ti.com 146 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |