công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 138 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 138 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 134Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 135Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 136Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 137Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 138Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 139Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 140Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 141Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 226 page
background image
8.11.5 Sigma-Delta Filter Module (SDFM)
The SDFM is a four-channel digital filter designed specifically for current measurement and resolver position
decoding in motor control applications. Each channel can receive an independent sigma-delta (ΣΔ) modulated
bit stream. The bit streams are processed by four individually programmable digital decimation filters. The filter
set includes a fast comparator for immediate digital threshold comparisons for overcurrent and undercurrent
monitoring. Figure 8-55 shows a block diagram of the SDFMs.
SDFM features include:
• Eight external pins per SDFM module:
– Four sigma-delta data input pins per SDFM module (SDx_Dy, where x = 1 to 2 and y = 1 to 4)
– Four sigma-delta clock input pins per SDFM module (SDx_Cy, where x = 1 to 2 and y = 1 to 4)
• Four different configurable modulator clock modes:
– Modulator clock rate equals modulator data rate
– Modulator clock rate running at half the modulator data rate
– Modulator data is Manchester encoded. Modulator clock not required.
– Modulator clock rate is double that of modulator data rate
• Four independent configurable comparator units:
– Four different filter type selection (Sinc1/Sinc2/Sincfast/Sinc3) options available
– Ability to detect over-value and under-value conditions
– Comparator Over-Sampling Ratio (COSR) value for comparator programmable from 1 to 32
• Four independent configurable data filter units:
– Four different filter type selection (Sinc1/Sinc2/Sincfast/Sinc3) options available
– Data filter Over-Sampling Ratio (DOSR) value for data filter unit programmable from 1 to 256
– Ability to enable or disable individual filter module
– Ability to synchronize all four independent filters of a SDFM module using the Master Filter Enable (MFE)
bit or the PWM signals.
• Filter data can be 16-bit or 32-bit representation
• PWMs can be used to generate modulator clock for sigma-delta modulators
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
138
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com