| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VR4102 bảng dữ liệu(PDF) 113 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 bảng dữ liệu(HTML) 113 Page - NEC |
|
113 / 701 page ![]() CHAPTER 4 VR4102 PIPELINE 113 4.5.2 Stall Conditions Stalls are used to stop the pipeline for conditions detected after the RF stage. When a stall occurs, the processor will resolve the condition and then the pipeline will continue. Figure 4-13 shows a data cache miss stall, and Figure 4-14 shows a CACHE instruction stall. Figure 4-13. Data Cache Miss Stall 1 Detect data cache miss IF RF EX DC WB WB WB WB WB IF RF EX DC DC DC DC DC WB IF RF EX EX EX EX EX DC WB IF RF RF RF RF RF EX DC WB 2 3 1 Start moving data cache line to write buffer 2 Get last word into cache and restart pipeline 3 If the cache line to be replaced is dirty • the W bit is set • the data is moved to the internal write buffer in the next cycle. The write-back data is returned to memory. The last word in the data is returned to the cache at 3, and pipelining restarts. Figure 4-14. CACHE Instruction Stall 1 CACHE instruction start IF RF EX DC WB WB WB WB WB IF RF EX DC DC DC DC DC WB IF RF EX EX EX EX EX DC WB IF RF RF RF RF RF EX DC WB 2 1 CACHE instruction complete 2 When the CACHE instruction enters the DC pipe-stage, the pipeline stalls while the CACHE instruction is executed. The pipeline begins running again when the CACHE instruction is completed, allowing the instruction fetch to proceed. |