| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VR4102 bảng dữ liệu(PDF) 192 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 bảng dữ liệu(HTML) 192 Page - NEC |
|
192 / 701 page ![]() CHAPTER 6 EXCEPTION PROCESSING 192 Figure 6-14. Common Exception Handler (1/2) (a) Processing exceptions other than Cold reset, Soft reset, NMI, TLB/XTLB Mismatch, and Cache Error exceptions (hardware) Instruction in branch delay slot? BD bit ← 0 EPC ← PC EXL ← 1 BEV EntryHi ← VPN2, ASID X/Context ← VPN2 Set Cause Register (ExcCode, CE) BD bit ← 1 EPC ← PC – 4 No Yes ; Kernel mode is set, and interrupts are disabled. PC ← 0xFFFF FFFF BFC0 0200 + 180 (Unmapped, uncached space) PC ← 0xFFFF FFFF 8000 0000 + 180 (Unmapped, cacheable space) To guideline of general exception handler = 0 (normal) = 1 (bootstrap) EXL = 1? (SR1) Yes No Start ; Check for multiple exceptions ; BadVAddr is set only when a TLB Mismatch, TLB Invalid, or TLB Modified exception occurs. (BadVAddr is not set when a Bus Error exception occurs. ; The EntryHi and X/Context registers are set only when a TLB Mismatch, TLB Invalid, or TLB Modified exception occurs. Remark The exceptions can be masked by the IE or IM bit. The Watch exception can be set to pending status by setting the EXL bit. |