| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTINY817-MFR. bảng dữ liệu(PDF) 133 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. bảng dữ liệu(HTML) 133 Page - Microchip Technology |
|
133 / 492 page ![]() Name: CTRLB Offset: 0x01 Reset: 0x00 Property: - Bit 7 6 5 4 3 2 1 0 ADC0REFEN DAC0REFEN Access R/W R/W Reset 0 0 Bit 1 – ADC0REFEN: ADC0 Reference Force Enable Writing a '1' to this bit forces the voltage reference for the ADC0 to be running, even if it not requested. Writing a '0' to this bit allows to automatic enable/disable of the reference source by the peripheral. Bit 0 – DAC0REFEN: DAC0 and AC0 Reference Force Enable Writing a '1' to this bit forces the voltage reference for the DAC0 and AC0 to be running, even if it not requested. Writing a '0' to this bit allows to automatic enable/disable of the reference source by the peripheral. ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 133 |