công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
78
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-12-26
1.1
Modify ILI max value from ±2uA to ±4uA
Modify ILO max value from ±2uA to ±4uA
P68
P68
2017-1-12
1.2
Modify the description of 03H command
P25
2018-3-16
1.3
Add 4BH command
Modify the sequence diagram of 42H command
Modify tVSL min. value from 5ms to 2.5ms
Add tRS, of which the min value is 100us
Modify tPP typ. value from 0.7ms to 0.5ms
Modify tSE from 90-500ms to 70ms-400ms
Modify tBE1 typ. value from 0.3s to 0.16s
Modify tBE2 from 0.5-1.5s to 0.3-1.2s
Modify tCE from 200-400s to 100-240s
P53
P55
P68
P71
P71
P71
P71
P71
P71
2018-8-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com