công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
48
7.25. Read Manufacture ID/ Device ID Dual I/O (92H)
The Read Manufacturer/Device ID Dual I/O command is an alternative to the Release from Power-Down / Device ID
command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by dual I/O.
The command is initiated by driving the CS#
pin low and shifting the command code “92H” followed by a 24-bit address
(A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of SCLK with
most significant bit (MSB) first as shown in Figure26. If the 24-bit address is initially set to 000001H, the Device ID will be
read first.
Figure26. Read Manufacture ID/ Device ID Dual I/O Sequence Diagram
Command
0
1
2
3
4
5
6
7
92H
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
6
4
2
0
6
4
2
0
16 17 18 19 20 21 22 23
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
A23-16
A15-8
A7-0
M7-0
CS#
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SI(IO0)
SO(IO1)
6
4
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
SCLK
MFR ID
Device ID
40 41 42 43
6
4
2
0
7
5
3
1
44 45 46 47
6
4
2
0
7
5
3
1
MFR ID
(Repeat)
Device ID
(Repeat)
MFR ID
(Repeat)
Device ID
(Repeat)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com