công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
66
(1-1-2) Fast Read Opcode
3DH
15:08
3BH
3BH
(1-2-2) Fast Read Number
of Wait states
0 0000b: Wait states (Dummy
Clocks) not support
3EH
20:16
00010b
42H
(1-2-2) Fast Read Number
of Mode Bits
000b: Mode Bits not support
23:21
010b
(1-2-2) Fast Read Opcode
3FH
31:24
BBH
BBH
(2-2-2) Fast Read
0=not support
1=support
40H
00
0b
FEH
Unused
03:01
111b
(4-4-4) Fast Read
0=not support
1=support
04
1b
Unused
07:05
111b
Unused
43H:41H
31:08
0xFFH
0xFFH
Unused
45H:44H
15:00
0xFFH
0xFFH
(2-2-2) Fast Read Number
of Wait states
0 0000b: Wait states (Dummy
Clocks) not support
46H
20:16
00000b
00H
(2-2-2) Fast Read Number
of Mode Bits
000b: Mode Bits not support
23:21
000b
(2-2-2) Fast Read Opcode
47H
31:24
FFH
FFH
Unused
49H:48H
15:00
0xFFH
0xFFH
(4-4-4) Fast Read Number of
Wait states
0 0000b: Wait states (Dummy
Clocks) not support
4AH
20:16
00100b
44H (1)
(4-4-4) Fast Read Number
of Mode Bits
000b: Mode Bits not support
23:21
010b
(4-4-4) Fast Read Opcode
4BH
31:24
EBH
EBH
Sector Type 1 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
4CH
07:00
0CH
0CH
Sector Type 1 erase Opcode
4DH
15:08
20H
20H
Sector Type 2 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
4EH
23:16
0FH
0FH
Sector Type 2 erase Opcode
4FH
31:24
52H
52H
Sector Type 3 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
50H
07:00
10H
10H
Sector Type 3 erase Opcode
51H
15:08
D8H
D8H
Sector Type 4 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t exist
52H
23:16
00H
00H
Sector Type 4 erase Opcode
53H
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com