công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 43 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
43
7.21. Chip Erase (CE) (60/C7H)
The Chip Erase (CE) command is erased the all data of the chip. A Write Enable (WREN) command must previously
have been executed to set the Write Enable Latch (WEL) bit .The Chip Erase (CE) command is entered by driving CS# Low,
followed by the command code on Serial Data Input (SI). CS# must be driven Low for the entire duration of the sequence.
The Chip Erase command sequence: CS# goes low  sending Chip Erase command  CS# goes high. The
command sequence is shown in Figure21. CS# must be driven high after the eighth bit of the command code has been
latched in; otherwise the Chip Erase command is not executed. As soon as CS# is driven high, the self-timed Chip Erase
cycle (whose duration is tCE) is initiated. While the Chip Erase cycle is in progress, the Status Register may be read to check
the value of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and
is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
The Chip Erase (CE) command is executed if the Block Protect (BP2, BP1, and BP0) bits are 0 and CMP=0 or the Block
Protect (BP2, BP1, and BP0) bits are 1 and CMP=1. The Chip Erase (CE) command is ignored if one or more sectors are
protected.
Figure21. Chip Erase Sequence Diagram
Command
0
1
2
3
4
5
6
7
60H or C7H
CS#
SCLK
SI
Figure21a. Chip Erase Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Instruction
C7H/60H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com