công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
76
10.2.
Package WSON8 (8*6mm)
D
E
Top View
D2
E2
L
b
e
Bottom View
c
A1
A
Side View
Dimensions
Symbol
A
A1
c
b
D
D2
E
E2
e
L
Unit
mm
Min
0.70
0.00
0.180
0.35
7.90
3.30
5.90
4.20
1.27
0.45
Nom
0.75
0.02
0.203
0.40
8.00
3.40
6.00
4.30
0.50
Max
0.80
0.05
0.250
0.45
8.10
3.50
6.10
4.40
0.55
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package lead frames. These lead
shapes are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com