công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 54 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 54 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
54
7.31. Erase Security Registers (44H)
The GD25LB256D provides two 1024-byte Security Registers which can be erased and programmed individually.
These registers may be used by the system manufacturers to store security and other important information separately from
the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command 
3-byte address on SI CS# goes high. The command sequence is shown in Figure32. CS# must be driven high after the
eighth bit of the last address byte has been latched in; otherwise the Erase Security Registers command is not executed.
As soon as CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While the
Erase Security Registers cycle is in progress, the Status Register may be read to check the value of the Write in Progress
(WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is
completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Security
Registers Lock Bit (LB2-3) in the Status Register can be used to OTP protect the security registers. Once the LB bit is set
to 1, the Security Registers will be permanently locked; the Erase Security Registers command will be ignored.
Address
A23-16
A15-12
A11-10
A9-0
Security Register #2
00H
0 0 1 0
0 0
Don
’t care
Security Register #3
00H
0 0 1 1
0 0
Don
’t care
Figure32. Erase Security Registers command Sequence Diagram
Command
0
1
2
3
4
5
6
7
44H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com