công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
51
7.28. Program/Erase Suspend (PES) (75H)
The Program/Erase Suspend command
“75H”, allows the system to interrupt a page program or sector/block erase
operation and then read data from any other sector or block. The Write Status Register command (01H) and Erase/Program
Security Registers command (44H, 42H) and Erase commands (20H, 52H, D8H, C7H, 60H) and Page Program command
(02H, 32H) are not allowed during Program suspend. The Write Status Register command (01H) and Erase Security
Registers command (44H) and Erase commands (20H, 52H, D8H, C7H, 60H) are not allowed during Erase suspend.
Program/Erase Suspend is valid only during the page program or sector/block erase operation. A maximum of
time of “tsus”
(See AC Characteristics) is required to suspend the program/erase operation.
The Program/Erase Suspend command will be accepted by the device only if the SUS2/SUS1 bit in the Status
Register equal to 0 and WIP bit equal to 1 while a Page Program or a Sector or Block Erase operation is on-going. If the
SUS2/SUS1 bit equal to 1 or WIP bit equal to 0, the Suspend command will be ignored by the device. The WIP bit will be
cleared from 1 to 0 within
“tsus” and the SUS2/SUS1 bit will be set from 0 to 1 immediately after Program/Erase Suspend.
A power-off during the suspend period will reset the device and release the suspend state. The command sequence is show
in Figure29.
Figure29. Program/Erase Suspend Sequence Diagram
Command
0
1
2
3
4
5
6
7
75H
CS#
SCLK
SI
SO
High-Z
tSUS
Accept read command
Figure29a. Program/Erase Suspend Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
75H
tSUS
Accept Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com