công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
64
Table3. Signature and Parameter Identification Data Values
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
SFDP Signature
Fixed:50444653H
00H
07:00
53H
53H
01H
15:08
46H
46H
02H
23:16
44H
44H
03H
31:24
50H
50H
SFDP Minor Revision Number
Start from 00H
04H
07:00
00H
00H
SFDP Major Revision Number
Start from 01H
05H
15:08
01H
01H
Number of Parameters Headers
Start from 00H
06H
23:16
01H
01H
Unused
Contains 0xFFH and can never
be changed
07H
31:24
FFH
FFH
ID number (JEDEC)
00H: It indicates a JEDEC
specified header
08H
07:00
00H
00H
Parameter Table Minor Revision
Number
Start from 0x00H
09H
15:08
00H
00H
Parameter Table Major Revision
Number
Start from 0x01H
0AH
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs in the
Parameter table
0BH
31:24
09H
09H
Parameter Table Pointer (PTP)
First address of JEDEC Flash
Parameter table
0CH
07:00
30H
30H
0DH
15:08
00H
00H
0EH
23:16
00H
00H
Unused
Contains 0xFFH and can never
be changed
0FH
31:24
FFH
FFH
ID Number LSB
(GigaDevice Manufacturer ID)
It is indicates GigaDevice
manufacturer ID
10H
07:00
C8H
C8H
Parameter Table Minor Revision
Number
Start from 0x00H
11H
15:08
00H
00H
Parameter Table Major Revision
Number
Start from 0x01H
12H
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs in the
Parameter table
13H
31:24
03H
03H
Parameter Table Pointer (PTP)
First address of GigaDevice Flash
Parameter table
14H
07:00
60H
60H
15H
15:08
00H
00H
16H
23:16
00H
00H
Unused
Contains 0xFFH and can never
be changed
17H
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com