công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
45
7.23. Release from Deep Power-Down and Read Device ID (RDI) (ABH)
The Release from Power-Down and Read Device ID command is a multi-purpose command. It can be used to release
the device from the Power-Down state or obtain the devices electronic identification (ID) number.
To release the device from the Power-Down state, the command is issued by driving the CS# pin low, shifting the
instruction code
“ABH” and driving CS# high as shown in Figure23. Release from Power-Down will take the time duration
of tRES1 (See AC Characteristics) before the device will resume normal operation and other c omma nd are accepted. The
CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by driving the
CS# pin low and shifting the instruction code
“ABH” followed by 3-dummy byte. The Device ID bits are then shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown in Figure23. The Device ID value for the
GD25LB256D is listed in Manufacturer and Device Identification table. The Device ID can be read continuously. The
command is completed by driving CS# high.
When used to release the device from the Power-Down state and obtain the Device ID, the command is the same
as previously described, and shown in Figure24, except that after CS# is driven high it must remain high for a time
duration of tRES2 (See AC Characteristics). After this time duration the device will resume normal operation and other
command will be accepted. If the Release from Power-Down / Device ID command is issued while an Erase, Program or
Write cycle is in process (when WIP equal 1) the command is ignored and will not have any effects on the current cycle.
Figure23. Release Power-Down Sequence Diagram
Command
0
1
2
3
4
5
6
7
ABH
CS#
SCLK
SI
RES1
Stand-by mode
Deep Power-down mode
t
Figure23a. Release Power-Down Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
ABH
tRES1
Deep Power-down mode
Stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com