công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
58
7.35. Burst Read with Wrap (0CH)
The
“Burst Read with Wrap (0CH)” command provides an alternative way to perform the read operation with “Wrap
Around
” in QPI mode. This command is similar to the “Fast Read (0BH)” command in QPI mode, except the addressing of
the read operation will
“Wrap Around” to the beginning boundary of the “Wrap Around” once the ending boundary is reached.
The
“Wrap Length” and the number of dummy clocks can be configured by the “Set Read Parameters (C0H)” command.
Figure35. Burst Read with Wrap command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
0CH
20
12
16
8
6
7
8
9
10
4
0
4
0
4
0
4
21
13
17
9
5
1
5
1
5
1
5
22
14
18
10
6
2
6
2
6
2
6
23
15
19
11
7
3
7
3
7
3
7
A23-16
A15-8
A7-0
Dummy*
11
12 13
14
IOs switch from
Input to output
Byte1
Byte2
Byte3
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com