công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIG bảng dữ liệu(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIG bảng dữ liệu(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
57
7.34. Set Read Parameters (C0H)
In QPI mode the
“Set Read Parameters (C0H)” command can be used to configure the number of dummy clocks for
“Fast Read (0BH)”, “Quad I/O Fast Read (EBH)” , “Burst Read with Wrap (0CH)”, “Burst Read with Wrap for Lower 128Mb
(8CH)
” and “Burst Read with Wrap For Higher 128Mb (8DH)” command, and to configure the number of bytes of “Wrap
Length
” for the “Burst Read with Wrap (0CH)” command. The “Wrap Length” is set by W5-6 bit in the “Set Burst with Wrap
(77H)
” command. This setting will remain unchanged when the device is switched from Standard SPI mode to QPI mode.
P5-P4
Dummy Clocks
Maximum Read
Freq.
P1-P0
Wrap Length
0 0
4
80MHz
0 0
8-byte
0 1
6
108MHz
0 1
16-byte
1 0
8
120MHz
1 0
32-byte
1 1
8
120MHz
1 1
64-byte
Figure34. Set Read Parameters command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
Command
C0H
P4 P0
P6 P2
P7 P3
P5 P1
Read
Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com