| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 533 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 533 Page - Freescale Semiconductor, Inc |
|
533 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-31 11 of 24 ITCN Interrupt Priority Register 6 (IPR6) Interrupt Priority Register 6 (IPR6) $1FFF20 +$6 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read TOVF1 IPL TCMP1 IPL TINP0 IPL TOVF0 IPL TCMP0 IPL TOD IPL TOD_ALRM IPL TOD_CMD IPL Write Reset 00 00 00 00 00 00 00 00 Bits Name Description 15 - 14 TOVF1 IPL Timer Overflow 1 Interrupt Priority Level These two bits are used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 13 -12 TCMP1 IPL Timer Compare 1 Interrupt Priority Level These two bits are used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 11 - 10 TINP0 IPL Timer Input Edge 0 Interrupt Priority Level These two bits are used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 9 - 8 TOVF0 IPL Timer Overflow 0 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 See the following page for continuation of this register |