| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 537 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 537 Page - Freescale Semiconductor, Inc |
|
537 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-35 15 of 24 ITCN Interrupt Priority Register 8 (IPR8) Bits Name Description 9 - 8 SCI1_RCV IPL SCI1 Receiver Full interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. These IRQs are limited to priorities 0-2 and are disabled by default. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 7 - 6 SCI1_RERR IPL SCI1 Receiver Error Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ.These IRQs are limited to priorities 0-2 and are disabled by default. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 5 - 4 SCI1_RIDL IPL SCI1 Receiver Idle Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. These IRQs are limited to priorities 0-2 and are disabled by default. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 Interrupt Priority Register 8 (IPR8) $1FFF20 + $8 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 SCI1_RCV IPL SCI1_RERR IPL SCI1_RIDL IPL SCI1_TIDL IPL SCI1_XMIT IPL Write Reset 000 0000 0000 0000 0 denotes Reserved Bits See the following page for continuation of this register |