| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 536 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 536 Page - Freescale Semiconductor, Inc |
|
536 / 662 page ![]() Application: Date: Programmer: Sheet C 5685X Digital Signal Controller User Manual, Rev. 4 B-34 Freescale Semiconductor 14 of 24 ITCN Interrupt Priority Register 7 (IPR7) continued Bits Name Description 5 - 4 TOVF2 IPL Timer Overflow 2 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 3 - 2 TCMP2 IPL Timer Compare 2 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 1 - 0 TINP1 IPL Timer Input Edge 1 Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 0 10 IRQ is priority level 1 11 IRQ is priority level 2 Interrupt Priority Register 7 (IPR7) $1FFF20 + $7 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 TINP3 IPL TOVF3 IPL TCMP3 IPL TINP2 IPL TOVF2 IPL TCMP2 IPL TINP1 IPL Write Reset 000 0000 0000 0000 0 denotes Reserved Bits |