| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 662 page ![]() 56800E Programming Model 5685X Overview, Rev. 4 Freescale Semiconductor 1-35 1.13 56800E Programming Model The programming model for the registers in the 56800E core is shown in Figure 1-9. Figure 1-9. Register Programming Model for the 5685x 0 15 16 31 32 35 0 23 0 15 0 12 R2 R3 R4 R5 SP R0 R1 N A1 A2 A0 B1 B2 B0 C1 C2 C0 D1 D2 D0 Data Arithmetic Logic Unit (ALU) Data Registers Address Generation Unit (AGU) Pointer Registers 0 15 Y1 Y0 X0 D C B A Y Program Counter 0 20 PC 0 23 LA Loop Address LA2 0 23 HWS0 Hardware Stack HWS1 0 23 FIRA Fast Interrupt Return Address Secondary Offset Register Program Control Unit N3 0 15 Modifier Registers M01 0 15 Operating Mode Register OMR SR and Status Register (OMR, SR) Fast Interrupt Status Register FISR Loop Counter 0 15 LC LC2 |