công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56857 bảng dữ liệu(PDF) 531 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56857
Giải thích chi tiết về linh kiện  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 bảng dữ liệu(HTML) 531 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 527Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 528Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 529Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 530Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 531Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 532Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 533Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 534Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 535Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-29
9 of 24
ITCN
Interrupt Priority Register 5 (IPR5)
Bits
Name
Description
15 - 14
HOST_XMIT IPL
SCI Receive Full Interrupt Priority Level
This bit field is used to set the interrupt priority levels for this peripheral IRQ.
00
IRQ disabled by default
01
IRQ is priority level 0
10
IRQ is priority level 1
11
IRQ is priority level 2
13 - 12
HOST_RCV IPL
SCI Receive Error Interrupt Priority Level
This bit field is used to set the interrupt priority levels for this peripheral IRQ.
00
IRQ disabled by default
01
IRQ is priority level 0
10
IRQ is priority level 1
11
IRQ is priority level 2
11 - 10
SCI0_RCV IPL
SCI Receive Idle Interrupt Priority Level
This bit field is used to set the interrupt priority levels for this peripheral IRQ.
00
IRQ disabled by default
01
IRQ is priority level 0
10
IRQ is priority level 1
11
IRQ is priority level 2
9 - 8
SCI0_RERR IPL
SCI0 Transmitter Idle Interrupt Priority Level
This bit field is used to set the interrupt priority levels for certain peripheral IRQs.
00
IRQ disabled by default
01
IRQ is priority level 0
10
IRQ is priority level 1
11
IRQ is priority level 2
Interrupt Priority
Register 5 (IPR5)
$1FFF20 + $5
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read HOST_XMIT
IPL
HOST_RCV
IPL
SCI0_RCV
IPL
SCI0_RERR
IPL
SC0_RIDL
IPL
SCI0_TDL
IPL
SCI0_XMIT
IPL
SPI_XMIT
IPL
Write
Reset
000
0000
00000
0000
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More