| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 524 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 524 Page - Freescale Semiconductor, Inc |
|
524 / 662 page ![]() Application: Date: Programmer: Sheet C 5685X Digital Signal Controller User Manual, Rev. 4 B-22 Freescale Semiconductor 2 of 24 ITCN Interrupt Priority Register 1 (IPR1) Interrupt Priority Register 1 (IPR1) $1FFF20 + $1 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 RX_REG IPL TX_REG IPL TRBUF IPL Write Reset 0 0 0 0 0 0 00 0000 000 0 Bits Name Description 5 - 4 RX_REG IPL Receive Data Empty Register Interrupt Priority Level This bit field is used to set the interrupt priority levels for this OnCE IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 3 - 2 TX_REG IPL Transmit Data Full Interrupt Priority Level This bit field is used to set the interrupt priority levels for this OnCE IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 1 - 0 TRBUF IPL Trace Buffer Interrupt Priority Level This bit field is used to set the interrupt priority levels for this OnCE IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 denotes Reserved Bits |