công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56857 bảng dữ liệu(PDF) 525 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56857
Giải thích chi tiết về linh kiện  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 bảng dữ liệu(HTML) 525 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 521Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 522Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 523Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 524Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 525Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 526Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 527Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 528Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 529Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-23
3 of 24
ITCN
Interrupt Priority Register 2 (IPR2)
Interrupt Priority
Register 2 (IPR2)
$1FFF20 + $2
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMA2 IPL
DMA1 IPL
DMA0 IPL
0
0
LOCK IPL
0
0
IRQB IPL
IRQA IPL
Write
Reset
0
0
0
0
0
0
0000
0000
00
Bits
Name
Description
15 - 14
DMA2 IPL
Done Interrupt Priority Level 2
These bit fields are used to set the interrupt priority levels for certain EOnCE IRQs.
00
IRQ disabled by default
01
IRQ is priority level 1
10
IRQ is priority level 2
11
IRQ is priority level 3
13 -12
DMA1 IPL
Done Interrupt Priority Level 1
These bit fields are used to set the interrupt priority levels for certain EOnCE IRQs.
00
IRQ disabled by default
01
IRQ is priority level 1
10
IRQ is priority level 2
11
IRQ is priority level 3
11 -10
DMA0 IPL
Done Interrupt Priority Level 0
These bit fields are used to set the interrupt priority levels for certain EOnCE IRQs.
00
IRQ disabled by default
01
IRQ is priority level 1
10
IRQ is priority level 2
11
IRQ is priority level 3
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More