| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX7SCEC bảng dữ liệu(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC bảng dữ liệu(HTML) 100 Page - NXP Semiconductors |
|
100 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 100 4.10.10.1 SDR Mode Figure 71. QuadSPI Input/Read Timing (SDR mode with internal sampling) Figure 72. QuadSPI Input/Read Timing (SDR mode with loopback DQS sampling) NOTE • For internal sampling, the timing values assumes using sample point 0, that is QuadSPIx_SMPR[SDRSMP] = 0. Table 72. QuadSPI Input Timing (SDR mode with internal sampling) Symbol Parameter Value Unit Min Max TIS Setup time for incoming data 8.67 — ns TIH Hold time requirement for incoming data 0 — ns Table 73. QuadSPI Input/Read Timing (SDR mode with loopback DQS sampling) Symbol Parameter Value Unit Min Max TIS Setup time for incoming data 2 — ns TIH Hold time requirement for incoming data 1 — ns |