| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX7SCEC bảng dữ liệu(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC bảng dữ liệu(HTML) 73 Page - NXP Semiconductors |
|
73 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 73 4.9.3 ONFI NV-DDR2 mode (ONFI 3.2 compatible) 4.9.3.1 Command and address timing ONFI 3.2 mode command and address timing is the same as ONFI 1.0 compatible Async mode AC timing. See Section 4.9.1, “Asynchronous mode AC timing (ONFI 1.0 compatible),” for details. 4.9.3.2 Read and write timing ONFI 3.2 mode read and write timing is the same as Toggle mode AC timing. See Section 4.9.4, “Toggle mode AC Timing,” for details. 4.9.4 Toggle mode AC Timing 4.9.4.1 Command and address timing NOTE Toggle mode command and address timing is the same as ONFI 1.0 compatible Asynchronous mode AC timing. See Section 4.9.1, “Asynchronous mode AC timing (ONFI 1.0 compatible),” for details. 4.9.4.2 Read and write timing Figure 42. Toggle mode data write timing |