| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX7SCEC bảng dữ liệu(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC bảng dữ liệu(HTML) 28 Page - NXP Semiconductors |
|
28 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 28 The following table summarizes the external power supply state in all the power modes. The NVCC_DRAM_CKE can be still ON during SNVS/LPSR mode to keep the CKE/RESET pad in correct state to hold DRAM device in self-refresh mode. The NVCC_XXX can be off in RUN mode / Low Power mode if all the pads in that IO bank is not used in the application, the NVCC_XXX supply could be tied to GND. The VDD_USB_OTG1_3P3_IN and VDD_USB_OTG2_3P3_IN are fully asynchronous to other power rails, so it can be either ON/OFF in any of the power modes. 4.1.6.1 OFF Mode In OFF mode, all the power rails are shut off. 4.1.6.2 SNVS Mode SNVS mode is also called RTC mode, where only the power for the SNVS domain remain on. In this mode, only the RTC and tamper detection logic is still active. The power consumption in SNVS model with all the tamper detection logic enabled will be less than 5 uA @ 3.0 V on VDD_SNVS_IN for typical silicon at 25 °C. The external DRAM device can keep in self-refresh when the chip stays in SNVS mode with NVCC_DRAM_CKE still powered. During the state transition between SNVS mode to/from ON mode, the DRAM_CKE pad and DRAM_RESET pad has to always stay in correct state to keep DRAM in self-refresh mode. No glitch / floating is allowed. Table 14. Power modes Power rail OFF SVNS LPSR RUN Low Power VDD_ARM OFF OFF OFF ON ON/ OFF VDD_SOC OFF OFF OFF ON ON VDDA_1P8_IN OFF OFF OFF ON ON VDD_SNVS_IN OFF ON ON ON ON VDD_LPSR_IN OFF OFF ON ON ON NVCC_GPIO1/2 OFF OFF ON ON ON NVCC_DRAM OFF OFF OFF ON ON NVCC_DRAM_CKE OFF OFF / ON OFF / ON ON ON NVCC_XXX OFF OFF OFF ON / OFF ON / OFF VDD_USB_OTG1_3P3_IN VDD_USB_OTG2_3P3_IN OFF / ON OFF / ON OFF / ON ON / OFF ON / OFF |