công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 37 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 37 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 33Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 34Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 35Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 36Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 37Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 38Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 39Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 40Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
37
TS68040
2116A–HIREL–09/02
Instruction and Data
Caches
Studies have shown that typical programs spend much of their execution time in a few
main routines or tight loops. Earlier members of the TS68000 Family took advantage of
this locality of reference phenomenon to varying degrees. The TS68040 takes further
advantage of cache technology with its two, independent, on-chip, physical address
space caches, one for instructions and one for data. The caches reduce the processor’s
external bus activity and increase CPU throughput by lowering the effective memory
access time. For a typical system design, the large caches of the TS68040 yield a very
high hit rate, providing a substantial increase in system performance. Additionally, the
caches are automatically burstfilled from the external bus whenever a cache miss
occurs.
The autonomous nature of the caches allows instruction-stream fetches, data-stream
fetches, and a third external access to occur simultaneously with instruction execution.
For example, if the TS68040 requires both an instruction-stream access and an external
peripheral access and if the instruction is resident in the on-chip cache, the peripheral
access proceeds unimpeded rather than being queued behind the instruction fetch. If a
data operand is also required and if it is resident in the data cache, it can also be
accessed without hindering either the instruction access from its cache or the peripheral
access external to the chip. The parallelism inherent in the TS68040 also allows multiple
instructions that do not require any external accesses to execute concurrently while the
processor is performing an external access for a previous instruction.
Cache Organization
The instruction and data caches are four-way set-associative with 64 sets of four, 16-
byte lines for a total cache storage of 4K bytes each. As shown in Figure 21, each 16-
byte line contains an address tag and state information. State information for each entry
consists of a valid flag for the entire line in both instruction and data caches and write
status for each long word in the data cache. The write status in the data cache signifies
whether or not the long-word data is dirty (meaning that the data in the cache has been
modified but has not been written back to external memory) for data in copyback pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com