công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 9 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 9 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 5Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 6Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 7Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 8Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 9Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 10Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 11Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 12Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
TS68040
2116A–HIREL–09/02
The precise case outlines are described at the end of the specification (See “Package
Mechanical Data” on page 43.) and into MIL-STD-1835.
Electrical Characteristics
Absolute Maximum Ratings
Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and affect
reliability.
Note:
1. This device is not tested at TC = +125°C. Testing is performed by setting the junction temperature Tj = +125°C and allowing
the case and ambient temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
Note:
1. This device is not tested at TC = +125°C. Testing is performed by setting the junction temperature T
J = +125°C and allowing
the case and ambient temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
Table 4. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Max
Unit
V
CC
Supply Voltage Range
-0.3
7.0
V
V
I
Input Voltage Range
-0.3
7.0
V
P
D
Power Dissipation
Large buffers enabled
7.7
W
Small buffers enabled
6.3
W
T
C
Operating Temperature
-55
T
J
°C
T
stg
Storage Temperature Range
-65
+150
°C
T
J
Junction Temperature
(1)
+125
°C
T
lead
Lead Temperature
Max.10 sec soldering
+300
°C
Table 5. Recommended Conditions of Use
Unless otherwise stated, all voltages are referenced to the reference terminal
Symbol
Parameter
Min
Typ
Max
Unit
V
CC
Supply Voltage Range
+4.75
+5.25
V
VIL
Logic Low Level Input Voltage Range
GND
- 0.3
0.8
V
V
IH
Logic High Level Input Voltage Range
+2.0
V
CC + 0.3
V
V
OH
High Level Output Voltage
2.4
V
VOL
Low Level Output Voltage
0.5
V
f
c
Clock Frequency
-25 MHz Version
25
MHz
-33 MHz Version
33
MHz
TC
Case Operating Temperature Range
(1)
-55
TJmax
°C
T
J
Maximum Operating Junction Temperature
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com